Part Number Hot Search : 
SH62022 20GT60 AP602 102304E 2SK1158 BD46232G AD7484 UA777
Product Description
Full Text Search
 

To Download CAT3200-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 cat3200, CAT3200-5 low noise regulated charge pump dc-dc converter advance information description the cat3200 and CAT3200-5 are switched capacitor boost converters that deliver a low noise, regulated output voltage. the CAT3200-5 gives a fixed regulated 5v output. the cat3200 has an adjustable output using external resistors. the constant frequency 2mhz charge pump allows small 1 f ceramic capacitors to be used. maximum output loads of up to 100ma can be supported over a wide range of input supply voltages (2.7v to 4.5v) making the device ideal for battery- powered applications. features  constant high frequency (2mhz) operation  100ma output current  regulated output voltage (5v fixed CAT3200-5, adjustable cat3200)  low quiescent current (1.7ma typ.)  input voltage operation down to 2.7v  soft start, slew rate control  thermal overload shutdown protection  low value external capacitors (1 f)  foldback current overload protection  shutdown current less than 1 a  CAT3200-5 in low profile (1mm thin) 6-lead sot23 package  cat3200 in msop-8 and in low profile (0.8mm thin) tdfn packages ?2004 by catalyst semiconductor, inc. characteristics subject to change without notice doc. no. 5002, rev. q applications  3v to 5v boost conversion  white led driver  usb on-the-go 5v supply a shutdown control input allows the device to be placed in power-down mode, reducing the supply current to less than 1 a. in the event of short circuit or overload conditions, the device is fully protected by both foldback current limiting and thermal overload detection. in addition, a soft start, slew rate control circuit limits inrush current during power-up. the CAT3200-5 is available in a 6-lead, 1mm max thin sot23 package. the cat3200 is available in an 8-lead msop package and an 8-pad 0.8mm thin tdfn package.  local 5v supply from lower rail  battery backup systems  handheld portable devices typical application CAT3200-5 cneg cpos in out on off shdn gnd + - 5v output 3.3v cat3200 cneg cpos in out on off shdn gnd + - 3.3v v in 5v 100ma v out adjustable output v in fb r 1 r 2 100m a v out v out = 1.27 v 1+ ( ( r 1 r 2
cat3200/3200-5 2 doc. no. 5002, rev. q 1 2 3 4 8 7 6 5 out fb shd n sgnn cpos in cneg pgnd pin configuration top view cat3200 tdfn (3mm x 3mm) ordering information pin descriptions pin number CAT3200-5 cat3200 cat3200 sot23 msop tdfn designation description 1 8 8 out regulated output voltage. 2 gnd ground reference for all voltages. 36 6 shdn shutdown control logic input (active low) 4 3 3 cneg negative connection for the flying capacitor. 5 2 2 in input power supply. 6 1 1 cpos positive connection for the flying capacitor. 7 7 fb feedback to set the output voltage. 4 4 pgnd power ground. 5 5 sgnd signal ground. 6-lead thin sot23 CAT3200-5 1 2 3 6 5 4 out gnd shdn cpos in cneg 8-pin msop 1 2 3 4 8 7 6 5 cpos in cneg pgnd out fb shdn sgnn cat3200 r e b m u n t r a pe g a t l o v t u p t u og n i k r a m e g a k c a p y t i t n a u q l e e r r e p e g a k c a p 7 e t - 5 - 6 s e 0 0 2 3 t a cv 5j b0 0 0 , 3 l e e r & e p a t , 3 2 t o s n i h t d a e l - 6 ) t h g i e h x a m m m 1 ( 3 1 e t - 5 - 6 s e 0 0 2 3 t a cv 5j b0 0 0 , 0 1 l e e r & e p a t , 3 2 t o s n i h t d a e l - 6 ) t h g i e h x a m m m 1 ( 3 1 e t - 8 s m e 0 0 2 3 t a ce l b a t s u j d ar t a a0 0 5 2l e e r & e p a t , p o s m d a e l - 8 3 1 e t - 4 d r e 0 0 2 3 t a ce l b a t s u j d a0 0 5 3l e e r & e p a t , m m 3 x 3 n f d t
cat3200/3200-5 3 doc. no. 5002, rev. q note 1: r ol = (2v in - v out )/i out note 2: in the event of a controlled shutdown, the output will be isolated from the input, but will remain connected to the int ernal resistor feedback network. this will cause a small level of reverse current to flow back into the device to ground. electrical specifications recommended operating conditions unless otherwise specified. c in , c out , c fly are 1 f ceramic capacitors and v in is set to 3.6v. absolute maximum ratings v in , v out , shdn , c neg , c pos voltage .. -0.6v to 6.0v v out short circuit duration ......................... indefinite output current ................................................ 200ma esd protection (hbm) ..................................... 2000v junction temperature ...................................... 150 c storage temperature range ............. -65 c to 160 c lead soldering temperature (10 sec) ............. 300 c power dissipation (sot23-6) ............................ 0.3w power dissipation (8-msop) ............................. 0.5w power dissipation (8-tdfn) .............................. 1.0w recommended operating conditions v in ................................................................................... 2.7v to 4.5v c in , c out , c fly .......................................................................... 1 f i load ................................................................................. 0 to 100ma ambient temperature range ................... -40 c to 85 c symbol parameter conditions min typ max units v out regulated output i load 40ma, v in 2.7 v 4.8 5.0 5.2 v i load 100ma, v in 3.1 v v line line regulation 3.1v v in 4.5v, i load = 50ma 6 mv v load load regulation i load = 10ma to 100ma, v in = 3.6v 20 mv f osc switching frequency 1.0 2.0 2.6 mhz v r output ripple i load = 100ma, v in = 3v 30 mvp-p voltage CAT3200-5 only efficiency i load = 50ma, v in = 3v, CAT3200-5 80 % i gnd ground current i load = 0ma, shdn = v in 1.6 4 ma i shdn shutdown input i load = 0ma, shdn = 0v to v in -1 1 a current v fb fb voltage cat3200 only 1.22 1.27 1.32 v i fb fb input current cat3200 only -50 50 na r ol open-loop i load = 100ma, v in = 3v (note 1) 10 ? resistance t on v out turn-on time i load = 0ma, v in = 3v 0.5 ms (10% to 90%) v ihshdn high detect 1.3 0.8 v shutdown threshold v ilshdn low detect high 0.4 v detect threshold i rout reverse leakage v out = 5v, shutdown mode (note 2) 15 30 a into out pin i sc short-circuit output v out = 0v 80 ma t sd thermal shutdown 160 c t hyst thermal hysteresis 20 c
cat3200/3200-5 4 doc. no. 5002, rev. q typical performance characteristics (CAT3200-5) shutdown input threshold vs. supply voltage 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 2.7 3.0 3.3 3.6 3.9 4.2 4.5 input voltage [v] shutdown threshold [v] . ground current vs. supply voltage (no load) 0.8 1.0 1.2 1.4 1.6 1.8 2.73.03.33.63.94.24.5 input voltage [v] ground current [ma] . line regulation 4.8 4.9 5.0 5.1 5.2 2.73.03.33.63.94.24.5 input voltage [v] output voltage [v] . 20ma load 100ma load load regulation 4.8 4.9 5.0 5.1 5.2 050100150 load current [ma] output voltage [v] . vin = 2.7v vin = 3v vin = 3.2v oscillator frequency vs. supply voltage 1.0 1.2 1.4 1.6 1.8 2.0 2.73.03.33.63.94.24.5 in pu t vol tage [v] oscillator frequency [mhz] efficiency vs. load current 30 40 50 60 70 80 90 100 1 10 100 load current [ma] vin= 2.7v vin= 3.7v vin= 4.5v vin= 3.2v efficiency [%] t amb =25 c, c in =c out =c fly =1 f, v in =3.3v unless specified otherwise.
cat3200/3200-5 5 doc. no. 5002, rev. q typical performance characteristics (CAT3200-5) soft start power up (90ma load, 3.3v input) load step response (3.3v input) output ripple (100ma load, 3.3v input) short circuit current vs supply voltage 0 50 100 150 200 250 2.7 3.0 3.3 3.6 3.9 4.2 4.5 input voltage [v] current limit [ma] . output voltage change vs. temperature -2 -1 0 1 2 -40 -20 0 20 40 60 80 100 temperature [ c] output voltage change [%] . 10ma load oscillator frequency change vs. temperature -4 -2 0 2 4 -40-20 0 20406080100 temperature [ c] frequency change [%] . t amb =25 c, c in =c out =c fly =1 f, v in =3.3v unless specified otherwise.
cat3200/3200-5 6 doc. no. 5002, rev. q resistor network (400k ? ). the feedback network will result in a reverse current of 10 a to 20 a to flow back through the device to ground. whenever the device is taken out of shutdown mode, the output voltage will experience a slew rate controlled power-up. full operating voltage is typically achieved in less than 0.5 msec. gnd is the ground reference for all voltages on cat3200- 5 devices. fb (cat3200 only) is the feedback input pin. an output divider should be connected from out to fb to program the output voltage. pgnd (cat3200 only). is the same as gnd for the CAT3200-5 except for the internal reference connection to sgnd. sgnd (cat3200 only) ground pin for the internal reference. the cneg connection is switched to this pin during the normal charge pump operation. pin functions in is the power supply. during normal operation the device draws a supply current which is almost constant. a very brief interval of non-conduction will occur at the switching frequency. the duration of the non-conduction interval is set by the internal non-overlapping ?reak-before-make?timing. in should be bypassed with a 1 f to 4.7 f low esr (equivalent series resistance) ceramic capacitor. for filtering, a low esr ceramic bypass capacitor (1 f) in close proximity to the in pin prevents noise from being injected back into the power supply. shdn shdn shdn shdn shdn is the logic control input (active low) that places the device into shutdown mode. the internal logic is cmos and the pin does not use an internal pull-down resistor. the shdn shdn shdn shdn shdn pin should not be allowed to float. cpos, cneg are the positive and negative connections respectively for the charge pump flying capacitor. a low esr ceramic capacitor (1 f) should be connected between these pins. during initial power-up it may be possible for the capacitor to experience a voltage reversal and for this reason, avoid using a polarized (tantalum or aluminum) flying capacitor. out is the regulated output voltage to power the load. during normal operation, the device will deliver a train of current pulses to the pin at a frequency of 2mhz. adequate filtering on the pin can typically be achieved through the use a low esr ceramic bypass capacitor (1 f to 4.7 f) in close proximity to the out pin. the esr of the output capacitor will directly influence the output ripple voltage. when the shutdown mode is entered, the output is immediately isolated from the input supply, however, the output will remain connected to the internal feedback cat3200 adjustable output CAT3200-5 5v fixed output block diagram + C en 2mhz voltage doubler 1.25v sgnd shdn in cneg cpos 2v in 5v/100ma out pgnd fb + C en 2mhz voltage doubler 300k 100k 1.25v gnd shdn in cneg cpos 2v in 5v 100ma out
cat3200/3200-5 7 doc. no. 5002, rev. q figure 1: programming the adjustable cat3200 typical values for total voltage divider resistance can range from several k ? s up to 1m ? . out fb pgnd sgnd v out 1.27v c out r1 r2 ( ) 1 + r1 r2 8 7 4 5 cpos cneg in shdn 3 2 6 1 device operation the cat3200/CAT3200-5 use a switched capacitor charge pump to boost the voltage at in to a regulated output voltage. regulation is achieved by sensing the output voltage through an internal resistor divider (CAT3200-5) and modulating the charge pump output current based on the error signal. a 2-phase non- overlapping clock activates the charge pump switches. the flying capacitor is charged from the in voltage on the first phase of the clock. on the second phase of the clock it is stacked in series with the input voltage and connected to out. the charging and discharging the flying capacitor continues at a free running frequency of typically 2mhz. in shutdown mode all circuitry is turned off and the cat3200/CAT3200-5 draw only leakage current from the v in supply. out is disconnected from in. the shdn pin is a cmos input with a threshold voltage of approximately 0.8v. the cat3200/CAT3200-5 is in shutdown when a logic low is applied to the shdn pin. the shdn pin is a high impedance cmos input. shdn does not have an internal pull-down resistor and should not be allowed to float and. it must always be driven with a valid logic level. short-circuit and thermal protection the cat3200 and CAT3200-5 have built-in short-circuit current limiting and over temperature protection. during short-circuit conditions, output current is limited to approximately 225ma. at higher temperatures, or if the input voltage is high enough to cause excessive chip self heating, the thermal shutdown circuit shuts down the charge pump as the junction temperature exceeds approximately 160 c. once the junction temperature drops back to approximately 155 c, the charge pump is enabled. the cat3200and CAT3200-5 will cycle in and out of thermal shutdown indefinitely without latch-up or damage until a short-circuit on out is removed. programming the cat3200 output voltage (fb pin) the CAT3200-5 version has an internal resistive divider to program the output voltage. the programmable cat3200 may be set to an arbitrary voltage via an external resistive divider. since it employs a voltage doubling charge pump, it is not possible to achieve output voltages greater than twice the available input voltage. figure 1 shows the required voltage divider connection. the voltage divider ratio is given by the formula: r r v v out 1 2127 1 =? .
cat3200/3200-5 8 doc. no. 5002, rev. q application information ceramic capacitors ceramic capacitors of different dielectric materials lose their capacitance with higher temperature and voltage at different rates. for example, a capacitor made of x5r or x7r material will retain most of its capacitance from 40 c to 85 c whereas a z5u or y5v style capacitor will lose considerable capacitance over that range. z5u and y5v capacitors may also have voltage coefficient causing them to lose 60% or more of their capacitance when the rated voltage is applied. when comparing different capacitors it is often useful consider the amount of achievable capacitance for a given case size rather than discussing the specified capacitance value. for example, over rated voltage and temperature conditions, a 1 f, 10v, y5v ceramic capacitor in an 0603 case may not provide any more capacitance than a 0.22 f, 10v, x7r available in the same 0603 case. for many cat3200/CAT3200-5 applications these capacitors can be considered roughly equivalent. the capacitor manufacturer s data sheet should be consulted to determine what value of capacitor is needed to ensure the desired capacitance at all temperatures and voltages. below is a list of ceramic capacitor manufacturers and how to contact them: capacitor manufacturer web phone murata www.murata.com 814.237.1431 avx/kemet www.avxcorp.com 843.448.9411 vishay www.vishay.com kemet www.kemet.com 408.986.0424 taiyo yuden www.t-yuden.com 408.573.4150 thermal management for higher input voltages and maximum output current there can be substantial power dissipation in the cat3200/CAT3200-5. if the junction temperature increases to 150 c, the thermal shutdown circuitry will automatically turn off the output. a good thermal connection to the pc board is recommended to reduce the chip temperature. connecting the gnd pin (pins 4/5 for cat3200, pin 2 for CAT3200-5) to a ground plane, and maintaining a solid ground plane under the device reduces the overall thermal resistance. the overall junction to ambient thermal resistance ( ja ) for device power dissipation (p d ) consists primarily of two paths in series. the first path is the junction to the case ( jc ) which is defined by the package style, and the second path is case to ambient ( ca ) thermal resistance which is dependent on board layout. the final operating junction temperature for any set of conditions can be estimated by the following thermal equation: ttp p junc amb d jc d ca =+ + () () ? =+ tp amb d ja () the cat3200 in sot23 package, when mounted on printed circuit board with two square inches of copper allocated for heat spreading , will result with an overall ja of less than 150 c/w. for a typical application operating from a 3.8v input supply, the maximum power dissipation is 260mw (100ma x 3v). this would result if a maximum junction temperature of : t = t + p () = 85 c + 0.26w (150 c/w) = 85 c + 39 c = 124 c junc amb d ja the use of multi-layer board construction with power planes will further enhance the overall thermal performance. in the event of no dedicated copper area being used for heat spreading, a multi-layer board will typically provide the cat3200 with an overall ja of 200 c/w. this level of thermal conduction would allow up to 200mw be safely dissipated within the device.
cat3200/3200-5 9 doc. no. 5002, rev. q on off 13 2 6 8 7 5 4 c + c - in out fb sgnd pgnd shdn 82 ? 82 ? 82 ? 82 ? 82 ? cat3200 v shdn apply pwm waveform for adjustable brightness control 3v to 4.4v li-ion battery t up to 6 leds + on off 46 5 3 1 2 c - c + in out sgnd shdn 100 ? 100 ? 100 ? 100 ? CAT3200-5 v shdn apply pwm waveform for adjustable brightness control 3v to 4.4v li-ion battery t drive up to 5 leds 100 ? + CAT3200-5 46 5 3 1 2 v out 5v + 4% 100ma 3.3 v + 10% CAT3200-5 46 5 3 1 2 v out 5v + 4% in out shdn gnd in out shdn gnd typical applications white or blue led driver with led current control lithium-ion battery to 5v white or blue led driver 3.3 v supply to 5 v usb port to regulated 5v power supply
cat3200/3200-5 10 doc. no. 5002, rev. q notes: 1. dimensions and tolerancing per asme y14.5m - 1994 2. dimension are in mm. 3. dimension d does not include mold flash, protrusions or gate burrs. mold flash, protrusions or gate burrs shall not exceed 0.15mm per end. dimension e1 does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.15mm per side. d and e1 dimensions are determined at datum h. all dimensions are in millimeters min nom max notes a 1.00 a1 0.01 0.05 0.10 a2 0.84 0.87 0.90 c 0.12 0.15 0.20 7 c1 0.08 0.13 0.16 7 d 2.90bsc 3,4 e 2.80bsc 3,4 e1 1.60bsc 3,4 l 0.30 0.40 0.50 l1 0.60ref l2 0.25bsc r 0.10 r1 0.10 0.25 0 4 8 14 10 12 tolerances of form and position notes aaa 0.15 1,2 bbb 0.25 1,2 ccc 0.10 1,2 variations aa 6 ab ba min nom max min nom max min nom max notes b 0.30 0.45 0.30 0.45 0.22 0.36 7,8 b1 0.31 0.35 0.39 0.31 0.35 0.39 0.22 0.26 0.30 e 0.95bsc 0.95bsc 0.65bsc e1 1.90bsc 1.90bsc 1.95bsc n6 5 8 tolerances of form and position ddd 0.20 0.20 0.13 1,2 4. the package top may be smaller than the package bottom. dimensions d and e1 are determined at the outermost extremes of the plastic body exclusive of mold flash, the bar burrs, gate burrs and interlead flash, but including any mismatch between the top and bottom of the plastic body. d and e1 dime nsions are determined at datum h. 5. datums a & b to be determined at datum h. 6. package varation "ab" is a 5 lead version of the 6 lead variation "aa" where lead #5 has been removed from the 6 lead "aa" v ariation. 7. these dimensions apply to the flat section of the lead between 0.08mm and 0.15mm from the lead tip. 8. dimension "b" does not include dambar protrusion. allowable dambar protrusion shall be 0.08mm total in excess of the "b" dim ension at maximum material condition. the dambar cannot be located on the lower radius of the foot. minimum space between protrusion and an adjacent lead shall not be less than 0.07mm. aaa c 2x aaa c d 2x 3 4 3 4 5 bbb c 2x n/2 tips nx b 5 1 2 n/2 n/2 +1 n ddd c m a b d d e1 a b e e1 e1/2 e/2 e d ccc c c seating plane a2 a nx a a a1 h b b see view c view a-a l2 r r1 gauge plane l c seating plane view c base metal section b - b c1 with metal b1 (b) c 7 b 5 8 x x=a &/or b odd lead sides top view 5 x x=a &/or b even lead sides top view e/2 (l1) mechanical package drawings 6-lead thin sot-23
cat3200/3200-5 11 doc. no. 5002, rev. q notes: (1) all dimensions are in mm angles in degrees. 2 does not include mold flash, protrusion or gate burrs. mold flash, protrusions or gate burrs shall not exceed 0.15 mm. per si de. 3 does not include interlead flash orprotrusion. interlead flash or protrusion shall not exceed 0.25 mm per side. 4 does not include dambar protrusion, allowable dambar protrusion shall be 0.08 mm. (5) this part is compliant with jedec specification mo-187 variations aa. (6) lead span/stand off height/coplanarity are considered as special characteristics. (s) (7) controlling dimensions in inches. [mm] mechanical package drawings 8-lead msop 0.0150 0.0110 0.38 0.28 0.1970 0.1890 5.00 4.80 s 0.0256 [0.65] bsc 0.1220 0.1142 3.10 2.90 0.0433 [1.10] max. 0.039 [0.10] max. s 0.0059 0.0020 0.15 0.05 s 0.0374 0.0295 0.95 0.75 0.0276 0.0157 0.70 0.40 0.1220 0.1142 3.10 2.90 0 ? - 6 ? 0.0091 0.0051 0.23 0.13 0.0118 [0.30] ref. base metal 0.0050 [0.127] 0.0150 0.0110 0.38 0.28 with plating section a - a with plating
cat3200/3200-5 12 doc. no. 5002, rev. q tdfn 3x3 package (rd4) 3.00 + 0.10 (s) 85 1 4 3.00 + 0.10 (s) pin 1 index area c 0.75 + 0.05 0.0 - 0.05 0.30 + 0.07 (8x) 0.25 min. 0.75 + 0.05 a b 58 2.30 + 0.10 c0.35 pin 1 id 1.50 + 0.10 1.95 ref. (2x) 0.65 typ. (6x) 0.30 + 0.10 (8x) 1 2x 2x 0.15 0.15 c c note: 1. all dimension are in mm. angles in degrees. 2. coplanarity shall not exceed 0.08 mm. 3. warpage shall not exceed 0.10 mm. 4. package length / package width are considered as special characteristic(s) 5. refer jedec mo-229 / weec
cat3200/3200-5 13 doc. no. 5002, rev. q catalyst semiconductor, inc. corporate headquarters 1250 borregas avenue sunnyvale, ca 94089 phone: 408.542.1000 fax: 408.542.1200 www.catalyst-semiconductor.com publication #: 5002 revison: q issue date: 9/3/04 copyrights, trademarks and patents trademarks and registered trademarks of catalyst semiconductor include each of the following: dpp ae 2 catalyst semiconductor has been issued u.s. and foreign patents and has patent applications pending that protect its products. for a complete list of patents issued to catalyst semiconductor contact the companys corporate office at 408.542.1000. catalyst semiconductor makes no warranty, representation or guarantee, express or implied, regarding the suitability of its products for any particular purpose, nor that the use of its products will not infringe its intellectual property rights or the rights of third parties with respect to any particular use or application and specifically disclaims any and all liability aris ing out of any such use or application, including but not limited to, consequential or incidental damages. catalyst semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgica l implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the catalyst semic onductor product could create a situation where personal injury or death may occur. catalyst semiconductor reserves the right to make changes to or discontinue any product or service described herein without not ice. products with data sheets labeled "advance information" or "preliminary" and other products described herein may not be in production or offered for sale . catalyst semiconductor advises customers to obtain the current version of the relevant product information before placing order s. circuit diagrams illustrate typical semiconductor applications and may not be complete. revision history date rev. reason 12/15/03 k updated typical thermal characteristics legend 1/9/2004 l updated typ/max figures for electrical specifications updated typical characteristics plots (all except efficiency vs. load current) 2/12/2004 m removed all references to tdfn (3x4.9mm) package updated typical characteristics plots 2/24/2004 n updated electrical specifications table 5/5/2004 o updated description updated typical application figures updated ordering information updated electrical characteristics removed sections under device operations removed tdfn 3x4.9 package drawing 6/17/2004 p updated efficiency vs. load current graph on page 4 9/3/2004 q updated ordering information


▲Up To Search▲   

 
Price & Availability of CAT3200-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X